features two, three and four-point con gurations quick connect design easy installation versatile con gurations applications bourns model 1210 and 1250 ac surge protective devices (spds) 1200-BB series bus bar accessory speci cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci c applications. the bourns model 1200-BB series bus bar accessory provides a quick solution for combining the ground connection on two to four model 1210 or 1250 series spds. the bus bar is installed at the bottom of the spd, providing a bridge that connects the individ ual ground points. after installation of the bus bar, a single ground wire can then be used to complete the installation, saving w iring time. bus bar part number con guration common grounding point notes 1200-BB-2p the model 1200-BB-2p allows for two single-pole devices to share one common grounding point. 1200-BB-3p the model 1200-BB-3p allows for three single-pole devices to share one common grounding point. 1200-BB-4p the model 1200-BB-4p allows for four single-pole devices to share one common grounding point. general information asia-paci c: tel: +886-2 2562-4117 ?fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ?fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ?fax: +1-951 781-5700 www.bourns.com l/n ac surge protector spd1210-xxx uc in imax up l/n ac surge protector spd1210-xxx uc in imax up l/n ac surge protector spd1210-xxx uc in imax up l/n ac surge protector spd1210-xxx uc in imax up l/n ac surge protector spd1210-xxx uc in imax up l/n ac surge protector spd1210-xxx uc in imax up l/n ac surge protector spd1210-xxx uc in imax up l/n ac surge protector spd1210-xxx uc in imax up l/n ac surge protector spd1210-xxx uc in imax up
speci cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci c applications. 1200-BB series bus bar accessory product dimensions dimensions: mm (inches) rev. 05/13 29.8 (1.173) 11.8 (.465) 1.5 (.059) 18.3 (.720) section a section a section 17.7 2 (.697 2 ) 65.8 (2.591) 47.8 (1.882) 18.0 (.709) r3 5.5 (.217)
|